Part Number Hot Search : 
2SC4403 BC847A XXXGX 1N4688 LTS367HR FS782 20100CT TPL10215
Product Description
Full Text Search
 

To Download MAAP-008171-TR3000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
High Power PHEMT 600 - 4000 MHz, 30 dBm Linear Pout, 10 watt P1dB
Features
* Ideal for WiMax, MESH Network, and Linear Applications * Small Signal Gain: 11 dB Typical * EVM: 2.5% at 30 dBm Linear (OFDM) POUT * Includes thermally-coupled reference FET for use in external biasing circuit * Lead-Free 4 mm 16 lead PQFN Package * 100% Matte Tin Plating over Copper * Halogen-Free "Green" Mold Compound * RoHS* Compliant and 260C Reflow Compatible
MAAP-008171 V2P
Block Diagram
Description
M/A-Com's MAAP-008171 is an unmatched high power GaAs pHEMT which exhibits high gain and linearity performance in a lead-free 4mm PQFN 16Lead surface mount plastic package. This part is tunable over a frequency range from 600 MHz to 4000 MHz making it ideal many linear applications such as CDMA, WCDMA, and WiMax. This part can achieve 27 dBm /30 dBm Linear Pout when measured for 802.16d (EVM < 2.5%) when operated @ 12V. It also contains a thermallycoupled reference transistor to allow simple current mirror biasing. The MAAP-008171 is fabricated using a high reliability GaAs PHEMT process to realize low current and high power functionality. The process features full passivation for increased performance and reliability.
Pin Configuration
Pin No.
1 2 3 4 5-8 9-12 13-16 17
Pin Name
Sense_S Sense_D Sense_G N/C RFIN N/C RFOUT Paddle
2
Description
Source of Reference Device Drain of Reference Device Gate of Reference Device No Connection RF Input/Gate Bias No Connection RF Output/Drain Bias RF & DC Ground
2. The exposed pad centered on the package bottom must be connected to RF and DC ground.
Ordering Information 1
Part Number
MAAP-008171-TR3000 MAAP-008171-001SMB MAAP-008171-002SMB MAAP-008171-003SMB MAAP-008171-004SMB
Absolute Maximum Ratings 3,4
Package
3000 piece reel
Parameter
Input Power Operating Supply Voltage Gate Voltage Operating Temperature Channel Temperature Storage Temperature
Absolute Maximum
+ 32 dBm +12.0 Volts +1 Volts -30 C to +85 C +150 C -40 C to +150 C
900 MHz Sample Test Board (Includes 5 Samples) 1.9 GHz Sample Test Board (Includes 5 Samples) 2.5 GHz Sample Test Board (Includes 5 Samples) 3.5 GHz Sample Test Board (Includes 5 Samples)
1. Reference Application Note M513 for reel size information.
3. Exceeding any one or combination of these limits may cause permanent damage to this device. 4. M/A-COM does not recommend sustained operation near these survivability limits.
This PRELIMINARY Data Sheet contains information regarding a product M/A-COM is considering for development. Performance is based on simulated results or target specifications. Commitment to produce in volume is not guaranteed. 1 * Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
High Power PHEMT 600 - 4000 MHz, 30 dBm Linear Pout, 10 watt P1dB MAAP-008171 V2P
Electrical Specifications: F = 2.3 - 2.7 GHz, TA = +25 C, VDD = 12.0 V, in test fixture
Parameter
Gain Input Return Loss Output P1dB EVM Device / Supply Voltage Gate Voltage Active Supply Current PAE VGG (for IDD = 200 mA) POUT = 30 dBm POUT = 30 dBm
Test Conditions
2.5 GHz 2.3 to 2.7 GHz 2.3 to 2.7 GHz OFDM application 2010 MHz CW application POUT = 30 dBm OFDM, QAM-64 802.16
Units
dB dB dBm dBm % V V mA %
Min.
-- -- -- -- -- -- -- -- --
Typ.
11 5 37.5 39.5 2.5 12 -0.7 420 18
Max.
-- -- -- -- -- -- -- -- --
PCB Layout
Parts List
Part
C1,C12 C2,C11 C3,C4,C9,C10 C5 C6,C7 C8 C13,C14 L1,L2
Value
0.1 F 1000 pF 10 pF 1.6 pF 3.3 pF 1.2 pF 10 F 3.3 nH 50
Case Style Manufacturer
0402 0402 0402 0402 0402 0402 1206 0402 0402 Murata Murata Murata Murata Murata Murata Murata Coilcraft Panasonic
FR-4 Circuit Board, thickness = 0.20 mm
R1
Handling Procedures
Please observe the following precautions to avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
High Power PHEMT 600 - 4000 MHz, 30 dBm Linear Pout, 10 watt P1dB
Typical Performance Curves for OFDM Application:
Gain
25
+25C -40C +85C
MAAP-008171 V2P
Input Return Loss
0
+25C -40C +85C
20
-2
15
-4
10
-6
5
-8
0 2.3
-10
2.4 2.5 2.6 2.7 2.8
2.3
2.4
2.5
2.6
2.7
2.8
Frequency (GHz)
Frequency (GHz)
Output Return Loss
0
EVM
4.0 3.5
2.3 GHz 2.4 GHz 2.5 GHz 2.6 GHz 2.7 GHz 2.8 GHz
-5
3.0 2.5
-10
2.0 1.5
-15
+25C -40C +85C
1.0 0.50
-20 2.3 2.4 2.5 2.6 2.7 2.8
0.0 14 18 22 26 30 34
Frequency (GHz)
Channel Power (dBm)
P1dB vs. POUT @ 2.5 GHz
20
+25C -40C +85C
PAE vs. POUT @ 2.5 GHz
50
+25C -40C +85C
15
40
30 10 20 5
10
0 26 28 30 32 34 36 38 40
0 26 28 30 32 34 36 38 40
P
3
OUT
(dBm)
P
OUT
(dBm)
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
High Power PHEMT 600 - 4000 MHz, 30 dBm Linear Pout, 10 watt P1dB
Typical Performance Curves for CW Application:
Gain
25
+25C
MAAP-008171 V2P
Input Return Loss
0
+25C
20
-5
15 -10 10 -15 5
0 1.8
-20 1.9 2 2.1 2.2 1.8 1.9 2.0 2.1 2.2
Frequency (GHz)
Frequency (GHz)
Output Return Loss
0
P1dB vs. POUT
25
-5
20
+25C
-10 -15 -20 -25 -30 1.8 1.9 2.0 2.1 2.2
15
+25C
10
5 5 10 15 20 25 30 35 40
Frequency (GHz)
P
OUT
(dBm)
Lead-Free 4 mm 16-Lead PQFN
4
Reference Application Note M538 for lead-free solder reflow recommendations. Meets JEDEC moisture sensitivity level 1 requirements.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of MAAP-008171-TR3000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X